Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS325 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS325
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS325 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS325 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
FS325A(VSS=0V, Ta=-5 to +55°C unless otherwise specified)
PARAMETER
CONDITIONS
SYMBOL
Min
Typ
Max
UNIT
CURRENT CONSUMPTION
Supply Current
VDD=3.9V
IDD
2.5
5.5
μ
A
Power-Down Current
VDD=2.0V
IPD
0.05
1.0
μ
A
OPERATING VOLTAGE
Operating input voltage1
VDD-VSS
VDS1
1.5
5.5
V
Operating input voltage2
VDD-CSI
VDS2
1.5
V
DETECTION VOLTAGE
Overcharge detection voltage
VOCU
4.280
4.310
4.340
V
Overcharge release voltage
VOCR
4.060
4.110
4.160
V
Overdischarge detection voltage
VODL
2.223
2.300
2.377
V
Overdischarge release voltage
VODR
2.223
2.300
2.377
V
Over current detection voltage
VOI1
0.120
0.130
0.140
V
Short circuit detection voltage
VDD=3.6V
VOI2
0.80
0.90
1.00
V
Charger over current detection voltage
VDD=3.6V
VCH
-0.11
-0.09
-0.07
V
Release pull up resistor
VDD=2.0V,CS=VDD-1.0V
Rdown
75
150
300
kohm
Release pull down resistor
VDD=3.6V,CS=VDD
Rshort
15
30
150
kohm
Faulty charger detect voltage
Vdet
6.0
8.0
10.0
V
Faulty charger recovery voltage
Vrec
5.8
7.3
8.8
V
0V charging prohibit
VST
0
0
0
V
Power-Down detect voltage
Vstd
0.3VCC
0.5VCC
0.7VCC
V
DELAY TIME
Overcharge detection delay time VDD=4.0V to 4.4V
TOC
3.125
6.25
9.375
s
Overdischarge detection delay time VDD=3.0V to 2.0V
TOD
50
100
150
ms
Over current detection delay time VDD=3.6V
TOI1
5.5
11.0
16.85
ms
Short circuit detection delay time VDD=3.6V
TOI2
0.37
0.75
1.48
ms
Charger over current delay time
VDD=3.6V
Tdet
13
32.5
76.5
ms
Overcharge timer reset delay time
Td1
5.0
16
50.0
ms
Charge release delay time
Td2
5.0
16
50.0
ms
Charge connection detection delay
Tdr1
0.3
1
3.0
ms
OTHER
Output high level voltage
VDD=3.6V, Ioh=-20μA
, CSI=0V OC,OD
VOH
3.1
V
Output low level voltage
VDD=3.6V, Ioh=+20μA
, CSI=0V OC,OD
VOL
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com