Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS325 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS325
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS325 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS325 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
5.
Product Name List
Model
Package
Overcharge
detection
voltage
[VOCU] (V)
Overcharge
release
voltage
[VOCR] (V)
Overdischarge
detection
voltage
[VODL] (V)
Overdischarge
release
voltage
[VODR] (V)
Overcurrent
detection
voltage
[VOI1] (V)
Charger over
current
detection
voltage
[VCH] (V)
0V change
function
Standby
function
release
FS325A
SOT-23-5
4.310±25mV
4.110±50mV
2.300±77mV
2.300±77mV
0.130±10mV
-0.090±20mV
YES
Connection
of charger
FS325B
SOT-23-5
4.250±25mV
4.050±50mV
2.400±100mV
2.900±100mV
0.100±10mV
-
YES
AUTO
recovery
FS325C
SOT-23-5
4.275±25mV
Note: 1
2.300±100mV
2.300±100mV
0.100±10mV
-0.100±20mV
YES
Connection
of charger
FS325D
SOT-23-5
4.280±25mV
4.080±50mV
2.300±100mV
2.300±100mV
0.130±10mV
-0.100±20mV
0.65V
Connection
of charger
FS325D-N6A
SSON-6
(1.8×2.0)
4.280±25mV
4.080±50mV
2.300±100mV
2.300±100mV
0.130±10mV
-0.100±20mV
0.65V
Connection
of charger
FS325D-N6C
SSON-6
(1.6×1.6)
4.280±25mV
4.080±50mV
2.300±100mV
2.300±100mV
0.130±10mV
-0.100±20mV
0.65V
Connection
of charger
Note: 1. FS325C VOCR release conditions : VDD<VOCU & VCSI>VOI1 (100mV)
2. FS325D series 0V charging prohibit range: 0.4V~1.1V (typ=0.65V)
3. FS325D-N6C SSON-6 similar to Seiko SNT-6A Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com