Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD036UT Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FD036UT
Description  Sensorless 3-phase brushless DC Motor driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD036UT Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FD036UT Datasheet HTML 1Page - Feeling Technology Corp. FD036UT Datasheet HTML 2Page - Feeling Technology Corp. FD036UT Datasheet HTML 3Page - Feeling Technology Corp. FD036UT Datasheet HTML 4Page - Feeling Technology Corp. FD036UT Datasheet HTML 5Page - Feeling Technology Corp. FD036UT Datasheet HTML 6Page - Feeling Technology Corp. FD036UT Datasheet HTML 7Page - Feeling Technology Corp. FD036UT Datasheet HTML 8Page - Feeling Technology Corp. FD036UT Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FD036KT
FD036UT
Rev1.3 Sep. 24, 2008
P.4
FEELING
TECHNOLOGY
Functional Descriptions
PWM
PWM(pulse-width modulation) is used for the speed control for FD036. 2 types of PWM input signals can be
used :
1. Voltage mode PWM :
Applying a constant(DC) voltage to the PWM pin and the FD036 will generate PWM pulses internally with the
“ON” H/(L+H) duty cycle ratio according to the diagram below(Fig.4), which can be utilized by the user to
control the speed of the motor. The rotation speed will be higher if the voltage applied to the PWM pin is
higher.
Fig.4
2. Pulse mode PWM :
User can also apply PWM pulses directly to the PWM pin. The FD036 will pass this pulse to the coil driver with
the original duty-cycle ratio. The rotation speed will be higher with a higher H/(L+H) ratio.
Note:
(1) While using pulse mode PWM, the “High” Value of the input pulse should be higher than VDD/2 and the
“Low” value should be lower than VDD/7
(2) The lower-limit for the PWM pulse frequency is 200Hz, and the recommended frequency range is in the
range of 25KHz~30KHz where the PWM input pulse does not generate additional acoustic noise.
(3) The “PWM” pin contains an internal pull-up resistor so the FD036 will rotate in full-speed(100% ON) when
this pin is left un-connected(floating).
Soft-switching
FD036 uses the “soft-switching” technique to reduce the vibration and acoustic noise during rotation.
Direction of rotation
The direction of rotation can be selected by the setting the input voltage of “FR” to VDD(Forward) or
VSS(Reverse). The “FR” pin contains an internal pull-up resistor so the FD036 will rotate in the “Forward”
direction when this pin is left un-connected(floating).
Protection strategies for the coil driver
1. Thermal Shutdown
FD036 will shutdown the driver when the IC temperature rises beyond 165
°C. It would release the shutdown
condition when the temperature drops below 140
°C.
2. Lock protection and auto-restart function
FD036 will shutdown the driver when the rotor is blocked for a short period of time, which keeps the coil from
over-heated. It will try to restart the motor after the shutdown interval.
VDD/2
VDD/7
Vpwm
ON duty
100%
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com