Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD036UT Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FD036UT
Description  Sensorless 3-phase brushless DC Motor driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD036UT Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button FD036UT Datasheet HTML 2Page - Feeling Technology Corp. FD036UT Datasheet HTML 3Page - Feeling Technology Corp. FD036UT Datasheet HTML 4Page - Feeling Technology Corp. FD036UT Datasheet HTML 5Page - Feeling Technology Corp. FD036UT Datasheet HTML 6Page - Feeling Technology Corp. FD036UT Datasheet HTML 7Page - Feeling Technology Corp. FD036UT Datasheet HTML 8Page - Feeling Technology Corp. FD036UT Datasheet HTML 9Page - Feeling Technology Corp. FD036UT Datasheet HTML 10Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FD036KT
FD036UT
Rev1.3 Sep. 24, 2008
P.6
FEELING
TECHNOLOGY
Recommended Operating Conditions
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Supply Voltage
VDD
-
2.2
6.5
V
Operating Temperature Range
TA
-
-20
85
℃
Electrical Characteristics VDD=5.0V, TA=25℃
℃
℃
℃
(unless otherwise specified)
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Average Supply Current(no load)
IDD
5
mA
Output Saturation Voltage(FG)
VSAT_FG
VDD=5V, TA=25
oC, Iout=10mA
0.3
V
Output leakage current(FG)
ILEAKAGE_FG
VOUT=5V
1
µ
A
On resistance(Rpmos+Rnmos)
RON
2
Thermal Shutdown Threshold
TTHERMAL
165
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com