Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD036UT Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FD036UT
Description  Sensorless 3-phase brushless DC Motor driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD036UT Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FD036UT Datasheet HTML 1Page - Feeling Technology Corp. FD036UT Datasheet HTML 2Page - Feeling Technology Corp. FD036UT Datasheet HTML 3Page - Feeling Technology Corp. FD036UT Datasheet HTML 4Page - Feeling Technology Corp. FD036UT Datasheet HTML 5Page - Feeling Technology Corp. FD036UT Datasheet HTML 6Page - Feeling Technology Corp. FD036UT Datasheet HTML 7Page - Feeling Technology Corp. FD036UT Datasheet HTML 8Page - Feeling Technology Corp. FD036UT Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FD036KT
FD036UT
Rev1.3 Sep. 24, 2008
P.5
FEELING
TECHNOLOGY
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Values
Unit
min.
Typ.
max.
Operating Temperature
TOP
-
-20
85
℃
Storage Temperature
TST
-
-40
150
℃
DC Supply Voltage
VDD
-
-0.3
6.5
V
Supply Current
IDD
-
6
mA
Continuous Current
IO(CONT)
500
mA
Hold Current
IO(HOLD)
800
mA
PWM voltage range
VPWM_H
>0.5VDD
6.5
V
VPWM_L
0
<0.14VDD
V
FG sink current
IFG_SINK
25
mA
Junction temperature
TJ
150
℃
Power Dissipation
PD
MSOP8
400
mW
MSOP10
420
mW
Magnetic Flux Density
B
Unlimited
Gauss
IR-Reflow Lead Temperature
10sec
260
℃
255 ± 5
oC
10 ± 1 sec
150 ± 10
oC
90 ± 30 sec
2~5
oC /sec
2~5
oC /sec
SECOND
IR-ReFlow Soldering Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com