Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS312F-G Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS312F-G
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS312F-G Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS312F-G Datasheet HTML 1Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 2Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 3Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 4Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 5Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 6Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 7Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 8Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1.
General Description
The FS312F-G battery protection IC is designed to
protect lithium-ion/polymer battery from damage or
degrading the lifetime due to overcharge,
overdischarge, and/or overcurrent for one-cell
lithium-ion/polymer battery powered systems, such
as cellular phones.
The ultra-small package and less required external
components make it ideal to integrate the FS312F-G
into the limited space of battery pack. The accurate
±50mV overcharging detection voltage ensures safe
and full utilization charging. The very low standby
current drains little current from the cell while in
storage.
2.
Features
Reduction in Board Size due to Miniature
Package SOT-23-6.
Ultra-Low Quiescent Current at 3
μA
(Vcc=3.9V).
Ultra-Low Power-
Down Current at 0.1μA
(Vcc=2.0V).
Precision Overcharge Protection Voltage
4.25V ± 25mV
Load Detection Function during
Overcharge Mode.
Two Detection Levels for Overcurrent
Protection.
Delay times are generated by internal
circuits. No external capacitors required.
3.
Ordering Information
FS312F-G
PACKAGE TYPE
SOT-23-6(G stands for Green-Package)
TEMPERATURE RANGE
-40°C~+85°C
OVERCHARGE PROTECTION
4.25V± 25mV
4.
Applications
Protection IC for One-Cell Lithium-Ion /
Lithium-Polymer Battery Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com