Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS312F-G Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS312F-G
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS312F-G Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS312F-G Datasheet HTML 3Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 4Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 5Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 6Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 7Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 8Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 9Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 10Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
10. Electrical Characteristics
(Ta=25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS SYMBOL
Min
Typ
Max
UNIT
Supply Current
VCC=3.9V
ICC
3.0
6.0
μ
A
Power-Down Current
VCC=2.0V
IPD
0.1
μ
A
Overcharge Protection Voltage
FS312F-G
VOCP
4.225
4.25
4.275
V
Overcharge Release Voltage
VOCR
4.095
4.145
4.195
V
Overdischarge Protection Voltage
VODP
2.82
2.90
2.98
V
Overdischarge Release Voltage
VODR
2.92
3.00
3.08
V
Overcurrent Protection Voltage
VOIP
(
VOI1) 120
150
180
mV
Short Current Protection Voltage
VCC=3.6V
VSIP
(
VOI2) 1.00
1.35
1.70
V
Overcharge Delay Time
TOC
200
300
ms
Overdischarge Delay Time
VCC=3.6V to 2.0V
TOD
40
100
ms
Overcurrent Delay Time (1)
VCC=3.6V
TOI1
10
20
ms
Overcurrent Delay Time (2)
VCC=3.6V
TOI2
5
50
μ
s
Charger Detection Threshold
Voltage
VCHA
-1.2
-0.7
-0.2
V
OD Pin Output “H” Voltage
VDH
VCC-0.1 VCC-0.02
V
OD Pin Output “L” Voltage
VDL
0. 1
0.5
V
OC Pin Output “H” Voltage
VCH
VCC-0.1 VCC-0.02
V
OC Pin Output “L” Voltage
VCL
0.1
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com