Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS312F-G Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS312F-G
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS312F-G Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS312F-G Datasheet HTML 1Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 2Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 3Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 4Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 5Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 6Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 7Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 8Page - Fortune Semiconductor Corp. FS312F-G Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
5.
Product Name List
Model
Package
Overcharge
detection
voltage
[VOCP] (V)
Overcharge
release
voltage
[VOCR] (V)
Overdischarge
detection
voltage
[VODP] (V)
Overdischarge
release
voltage
[VODR] (V)
Overcurrent
detection
voltage
[VOI1] (mV)
SOT-23-6
FS312F-G FS312F-G 4.250
0.025
4.145
0.050
2.90
0.080
3.0
0.080
150
30
6.
Pin Configuration and Package Marking Information
Pin No.
Symbol
Description
1
OD
MOSFET gate connection pin for discharge control
2
CS
Input pin for current sense, charger detect
3
OC
MOSFET gate connection pin for charge control
4
TD
Test pin for reduce delay time
5
VCC
Power supply, through a resistor (R1)
6
GND
Ground pin
3 1 2F W
.
.
.
.
.
.
.
.
Top Point:Lot No.
Bottom Point:Year
w : week, A~Z & A ~ Z
5
1
2
3
6
4
3 1 2 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com