Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES7210 Datasheet(PDF) 3 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7210
Description  High Performance Four Channels Audio ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7210 Datasheet(HTML) 3 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7210 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Everest Semiconductor
Confidential
ES7210
Revision 11.1
3
March 2019
Latest datasheet: www.everest-semi.com or info@everest-semi.com
2. TYPICAL APPLICATION CIRCUIT
3. CLOCK MODES AND SAMPLING FREQUENCIES
The device supports standard audio clocks (256Fs, 384Fs, 512Fs, etc), USB clocks (12/24 MHz),
and some common non standard audio clocks (25 MHz, 26 MHz, etc).
According to the serial audio data sampling frequency (Fs), the device can work in two speed
modes: single speed mode or double speed mode. In single speed mode, Fs normally ranges
from 8 kHz to 48 kHz, and in double speed mode, Fs normally range from 64 kHz to 96 kHz.
The device can work either in master clock mode or slave clock mode. In slave mode, LRCK and
SCLK are supplied externally, and LRCK and SCLK must be synchronously derived from the
system clock with specific rates. In master mode, LRCK and SCLK are derived internally from
device master clock.
4. MICRO-CONTROLLER CONFIGURATION INTERFACE
The device supports standard I2C micro-controller configuration interface. External micro-
controller can completely configure the device through writing to internal configuration
registers.
I2C interface is a bi-directional serial bus that uses a serial data line (CDATA) and a serial clock
line (CCLK) for data transfer. The timing diagram for data transfer of this interface is given in
Figure 1a and Figure 1b. Data are transmitted synchronously to CCLK clock on the CDATA line on
a byte-by-byte basis. Each bit in a byte is sampled during CCLK high with MSB bit being
transmitted firstly. Each transferred byte is followed by an acknowledge bit from receiver to pull
the CDATA low. The transfer rate of this interface can be up to 400 kbps.
AD0
1
AD1
2
CCLK
4
MCLK
5
VDDD
7
GNDD
8
CDATA
3
VDDP
6
SCLK
9
LRCK
10
SDOUT2/TDMIN
12
INT
13
MIC1N
15
MIC1P
16
SDOUT1/TDMOUT
11
DMIC_CLK
14
MIC2N
20
MICBIAS12
24
MIC2P
19
MICBIAS34
26
MIC4P
28
MIC3P
31
MIC3N
32
MIC4N
27
PGND
33
ES7210
Everest
IIC
IIS
VDDC
VDDP
GPIO
100K
VDDP
100nF
100nF
1uF 1uF 1uF 1uF 1uF
AGND
1uF
VDDA
AGND
1uF
VDDM
AGND
1uF
1uF
1uF
1uF
1uF
AGND
1uF
1uF
1uF
1uF
1uF
AGND
AGND
0R
GND(SYS)
AGND
AGND
Micbias34
Mic4P
Mic4N
Mic3P
Mic3N
Micbias12
Mic2P
Mic2N
Mic1P
Mic1N
*
In the layout, chip is treated as an analog device
* * * *
*
*
*
*
* *
For the best performance,decoupling and filtering capacitors should be located as close to the device package as possible
Additional parallel capacitors(typically 0.1 μF) can be used, larger value capacitors(typically 10 μF) would also help
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com