Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES7210 Datasheet(PDF) 5 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7210
Description  High Performance Four Channels Audio ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7210 Datasheet(HTML) 5 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7210 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Everest Semiconductor
Confidential
ES7210
Revision 11.1
5
March 2019
Latest datasheet: www.everest-semi.com or info@everest-semi.com
5. DIGITAL AUDIO INTERFACE
The device provides many formats of serial audio data interface to the output from the ADC
through LRCK, SCLK and SDOUT pins. These formats are I2S, left justified, DSP/PCM mode and
TDM. ADC data is out at SDOUT on the falling edge of SCLK. The relationships of SDOUT, SCLK
and LRCK with these formats are shown through Figure 2a to Figure 2h. ES7210 can be cascaded
up to 16-ch through single I2S or TDM, please refer to the user guide for detail description.
Figure 2a I2S Serial Audio Data Format
Figure 2b Left Justified Serial Audio Data Format
Figure 2c DSP/PCM Mode A Serial Audio Data Format
Figure 2d DSP/PCM Mode B Serial Audio Data Format
SDOUT
1 SCLK
1 SCLK
R Channel
L Channel
MSB
LSB
MSB
LSB
SCLK
LRCK
LSB
1 SCLK
R Channel
L Channel
MSB
LSB MSB
SDOUT
SCLK
LRCK
SDOUT
R Channel
L Channel
MSB
LSB
MSB
LSB
SCLK
LRCK
LSB
R Channel
L Channel
MSB
LSB MSB
SDOUT
SCLK
LRCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com