Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES7210 Datasheet(PDF) 4 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7210
Description  High Performance Four Channels Audio ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7210 Datasheet(HTML) 4 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7210 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7210 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Everest Semiconductor
Confidential
ES7210
Revision 11.1
4
March 2019
Latest datasheet: www.everest-semi.com or info@everest-semi.com
A master controller initiates the transmission by sending a “start” signal, which is defined as a
high-to-low transition at CDATA while CCLK is high. The first byte transferred is the slave address.
It is a seven-bit chip address followed by a RW bit. The chip address must be 1000 0x, where x
equals AD1 AD0. The RW bit indicates the slave data transfer direction. Once an acknowledge bit
is received, the data transfer starts to proceed on a byte-by-byte basis in the direction specified
by the RW bit. The master can terminate the communication by generating a “stop” signal,
which is defined as a low-to-high transition at CDATA while CCLK is high.
In I2C interface mode, the registers can be written and read. The formats of “write” and “read”
instructions are shown in Table 1 and Table 2. Please note that, to read data from a register, you
must set R/W bit to 0 to access the register address and then set R/W to 1 to read data from the
register.
Table 1 Write Data to Register in I2C Interface Mode
Chip Address
R/W
Register Address
Data to be written
start
1000 0 AD1 AD0
0
ACK
RAM
ACK
DATA
ACK
Stop
Figure 1a I2C Write Timing
Table 2 Read Data from Register in I2C Interface Mode
Chip Address
R/W
Register Address
Start
1000 0 AD1 AD0
0
ACK
RAM
ACK
Chip Address
R/W
Data to be read
Start
1000 0 AD1 AD0
1
ACK
Data
NACK
Stop
Figure 1b I2C Read Timing
STOP
ACK
ACK
Write ACK
Chip Addr
START
bit 1 to 7
bit 1 to 8
Reg Addr
bit 1 to 8
Write Data
CCLK
CDATA
STOP
ACK
Write ACK
Chip Addr
START
bit 1 to 7
bit 1 to 8
Reg Addr
bit 1 to 8
Read Data
START
Read ACK
Chip Addr
bit 1 to 7
NO ACK
CCLK
CDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com