Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2801S Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT2801S
Description  Built- in 800V power BJT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2801S Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT2801S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HT2801S
3/6
High Accuracy CV/ CC Primary Sensing Regulation Controller IC
www.hotchip.com.cn
Ver1.0
Absolute Maximum Ratings
VCBO of Internal Transistor
800V
IC Peak Current:
350mA
VCC Pin Voltage
8.6V
FB Pin Voltage
7V
Others Pin Voltage
Vcc+0.3V
Operating Temperature (Tj)
0~ +150℃
Storage Temperature
-55~ +150℃
Lead Temperature
+260℃/ 10S
ESD (Human Body Mode)
3000V
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. Under “recommended
operating conditions” the device operation is assured, but some particular parameter may not be achieved.
Electrical Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
VDD UVLO Section
Start- up Voltage
VCC-ON
-
7.5
8.0
8.8
V
Shut down
VCC-OFF
-
3.0
3.3
3.5
V
Star-up Current
ISTART
-
-
0.2
1
uA
Operating Current
ICC
-
400
500
uA
Max. Operating Voltage
VCC
-
-
-
8.5v
Current Sense Section
Maximum Current to CS PIN
ICS
-
3.4
4
5
uA
Current Sense Threshold Voltage
VCS
510
mV
Leading Edge Blanking
TLEB
Ic=1mA
500
-
nS
Feedback Input Section
FB Reference Voltage
VREF-FB
2.85
2.9
2.95
V
Input Resistance of FB Pin
RFB
1.2
1.5
2
MΩ
Feedback Threshold Voltage
VFB
5
V
Internal Transistor
Collector- Emitter Saturation Voltage
VCEO
Io=1.0mA
0.3
V
Collector- Base Voltage
VCBO
800
V
OVER TEMPERATURE PROTECTION(OTP)
Shutdown Temperature
TSHDN
135
140
145
℃
Temperature Hysteresis
THYS
125
130
135
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com