Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2801S Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT2801S
Description  Built- in 800V power BJT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2801S Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT2801S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT2801S
1/6
High Accuracy CV/ CC Primary Sensing Regulation Controller IC
www.hotchip.com.cn
Ver1.0
Description
HT2801S is high performance primary
sensing regulation and monolithic switching-
mode power controller which is designed for
small- power supply equipment with current
mode control. Built- in accurate CV/CC control
circuit. High integration design, a high
performance power BJT and PFM controller
and full protection circuits in single chip, to
minimize external components and save the
cost effectively. HT2801S can be simply
designed a typical flyback switch converter,
the unique driving technology promotes the
characteristics of withstand voltage and
achieves excellent converting efficiency
.
Fig. 1. CC vs CV Curve ( Typ.)
Features
◆ Built- in 800V power BJT
◆ PSR control, eliminates Opto- coupler and
TL431
◆ Accurate CV/CC control
◆ Hysteresis over- temperature protection
(OTP) circuit
◆ High efficiency and meet Level 6 efficiency
standards
◆ Output voltage protection (OVP/UVLO)
◆ < 100 mW no- load consumption
◆ Auto- Restart function
◆ Ultra-low start-up current
◆ Good EMC characteristic allows the simple
EMC circuit
Application
◆ Handset/ Mobile Phone Chargers
◆ DSC/ Tablet Chargers
◆ Power Adaptors with limited output power
Typical Application Circuitry
VIN
C1
LP NP
VAUX
Naux
RFB1
RFB2
RCS
CCPC
HV
Driver
CS
FB
GND CPC
NS
VS
Co
VO
IOUT
Vout
±5%
±10%
Iout
OUTput CC/CV VI Characteristic
+
+


Similar Part No. - HT2801S

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT2801UL HYES-HT2801UL Datasheet
797Kb / 25P
LCD MODULE (240 횞 RGB 횞 320)
More results

Similar Description - HT2801S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
logo
SIFIRST TECHNOLOGIES NA...
SF5938S SIFIRST-SF5938S Datasheet
100Kb / 2P
Built-in 600V Power MOSFET
SF6021 SIFIRST-SF6021 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6772S SIFIRST-SF6772S Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6773V SIFIRST-SF6773V Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
logo
Qorvo, Inc
TGA4509 QORVO-TGA4509 Datasheet
284Kb / 8P
Built-in Power Detector
logo
Renesas Technology Corp
IW1819 RENESAS-IW1819 Datasheet
1Mb / 21P
18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 800V Power BJT
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com