Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2801S Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # HT2801S
Description  Built- in 800V power BJT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2801S Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

  HT2801S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2801S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HT2801S
6/6
High Accuracy CV/ CC Primary Sensing Regulation Controller IC
www.hotchip.com.cn
Ver1.0
HOTCHIP
HT2801S
XXXXX
LOGO
Product Type
Date code
IMPORTANT NOTICE
HOTCHIP reserves the right to alter its products without prior notification. For the most up-to-date information,
please visit our web site at http://www.hotchip.com.cn.
HOTCHIP assumes no liability for the issues about the industrial standard, licenses and the right of the third party
caused by the electric circuit and chart. The schematic is just for typical application, is not for the specialized mass
production application.
The export authorization from government is needed when the product or its derivative product do not agree
with the Wassenaar Arrangement or other international agreement.
Any copy of these information without our permission to print for other uses is forbidden.
HOTCHIP’s products are not authorized for use as critical components in life support devices or systems, such as
motion machine, medical machine, security system, gas equipment, airplane or any other conveyance.
HOTCHIP cannot avoid fault or losing efficacy, though we will do the best to improve the quality and reliability.
The customers use the products should go through the security design, such as the redundant design, fire
protection design, failure protection about the secondary disasters, fire or other related damage.
HOTCHIP will continuously provide better products for the customers by all our heart.
Package Outline Dimension
SOP- 7L
Marking & Ordering Information
Package
Top Marking
Ordering
SOP7
Pb-free
HT2801S
HT2801S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com