Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2802D Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT2802D
Description  Built-in 800V power BJT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2802D Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT2802D Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HT2802D
3/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
Ovp
&
Osp
Regulator
&
Blas
Tonsec
Detector
CV
cortrol
Drive
Control
CC
Control
Noise
suppressi
on
AC Voltage
Compensation
VCC
FB
Startup&Uvlo
pmf
Tons
3v
Logic
Tons
Buffer
Noise
Suppression
Cable
Compensation
Peak current
control&Leb
CPC
GND
CS
HV
ABSOLUTE MAXIMUM RATINGS
Internal power BJT Vcbo
800V
BJT Ic Peak Current:
1.5A
VCC Pin Voltage
8.6V
FB Pin Voltage
7V
Others Pin Voltage
Vcc+0.3V
Operating Temperature (Tj)
0~+140℃
Storage Temperature
-55~+150℃
ESD (Human Body Mode)
3000V
Lead Temperature
+260℃/10S
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause
permanent damage t
o the device. Under “recommended operating conditions” the device operation
is assured, but some particular parameter may not be achieved.
FUNCTIONAL BlOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com