Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2802D Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT2802D
Description  Built-in 800V power BJT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2802D Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT2802D Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HT2802D
5/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
FUNCTION DESCRIPTION
HT2802D is specially designed for the charger/adapter of small power digital products. To use
PSR control technology to provide accurate (CV/CC) characteristics. The controller works in PFM
mode and the switching frequency can be automaticially adjusted as per the load. Optimized
driving circuit greatly promotes withstand voltage of the power BJT and minimizes the switching
loss, so as to make the circuit have excellent converting efficiency
CONSTANT VOLTAGE(CV) OPERATION
When the circuit is operates in CV area, FB will detect the output voltage when the power
BJT turn-off through the sensing voltage by auxiliary winding of the transformer, to make the
output voltage stablized in the fixed value. In the turn-on period of the output rectifier diode D,
it's given the output winding voltage and auxiliary winding voltage as follows
Vd)
(Vo
Ns
N
V
AUX
AUX
--------(5)
Vaux : auxiliary winding voltage; Nb:subsidiary winding turns;NS: output winding
turns; Vd:forward voltage drop of output rectifier diode
FB will test the auxiliary winding voltage while the power BJT off-time to regulate the output
voltage. In order to avoid the peak influence happens in power BJT turn-off resulting from the
leakage inductance of the transformer, and considering the accuracy of sampling voltage, FB
captures the auxiliary winding detection sampling points as below:
Portion of Tons
Tons
Valex
ov
See equation 5
CONSTANT CURRENT(CC ) OPETATION
HT2802D CC control circuit is requested the converter operating in DCM . In CC operation
mode , the CC control circuit will fix the proportion between the Tons and Toffs produced by
diode rectifier D. When Tons time, the primary energy of the transformer will be converted to the
secondary winding, via the rectifier diode then charge the output capacitor and supply load
simultaneously.
When Toffs, the primary coil stores the energy, the output filter capacitor makes load discharge.
In CC operation area, HT2802D switch frequency will follow the output load direct ratio contro
detected by FB Voltage
IS
OA
Tons
Toffs
Iout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com