Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2802D Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT2802D
Description  Built-in 800V power BJT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2802D Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT2802D Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2802D Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HT2802D
2/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
1
2
3
5
4
HV
VCC
CS
FB
GND
CPC
HV
6
7
DIP7
PIN Function Description
Pin #
Name
Function Description
1
VCC
Power Supply Pin of IC. An external filter capacitor of Low ESR electrolytic capacitor is
suggested to gain stable supply voltage .
2
FB
Output Feedback Pin to detect output condition through the auxiliary winding voltage of
the transformer
3
CPC
Connected with a 100+nf capacitor, CPC Pin becomes output cable drop- out
compensation Pin.
4
CS
Connect external primary current sensing resistor (RCS), IC can detect primary
current via external sensing resistor. When voltage on the resistor surpasses
maximum value, internal Power BJT will be turned off immediately
5-6
HV
The Collector of internal Power Transistor
7
GND
Ground Pin
PIN DEFINITION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com