Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3550 Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT3550
Description  TrIvIal flow / constant flow / constant 3 charge, charging current can be adjustable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3550 Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT3550 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HT3550
5/6
单节锂电池充电管理
www.hotchip.com.cn
Ver1.0
封装信息
SOT23-6
封装信息
Symbol
Dimensions In Milimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.000
1.300
0.039
0.051
A1
0.000
0.150
0.000
0.006
A2
1.000
1.200
0.039
0.047
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.800
3.020
0.110
0.119
E
1.500
1.700
0.059
0.067
E1
2.600
3.000
0.102
0.118
e
0.950(BSC)
0.037(BSC)
e1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com