Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3550 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT3550
Description  TrIvIal flow / constant flow / constant 3 charge, charging current can be adjustable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3550 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT3550 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3550 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT3550
1/6
单节锂电池充电管理
www.hotchip.com.cn
Ver1.0
产品概述
HT3550 一款完整的单节锂离子电池充电器,带
电池正负极反接保护,采用恒定电流/恒定电压线性
控制。只需较少的外部元件数目使得 HT3550 便携式
应用的理想选择。HT3550 可以适合 USB 电源和适
配器电源工作。
由于采用了内部 PMOSFET 架构,加上防倒充
电路,所以不需要外部检测电阻器和隔离二极管。热
反馈可对充电电流进行自动调节,以便在大功率操作
或高环境温度条件下对芯片温度加以限制。当电池达
到 Vfloat (典型值 4.22V)之后,充电电流降至设定
值 1/10,HT3550 将自动终止充电。
当输入电压(交流适配器或 USB 电源)被拿掉
时,HT3550 自动进入一个低电流状态,电池漏电流
在 3uA 以下。HT3550 的其他特点包括充电电流监
控器、欠压闭锁、自动再充电和两个用于指示充电结
束和输入电压接入的状态引脚。
主要特点
预设 4.22V±1%充电电压;
涓流/恒流/恒压三段式充电,充电电流外部可调;
最大输入电压:7V;
支持对 0V 电池充电;
待机电流小于 1uA;
短路保护功能;
BAT-VDD 电压防倒灌功能;
电池正负极反接保护;
智能温控技术,充电电流会随温度升高而降低,
在不会出现过热保护的前提下输出最大充电电
流;
软启动限制了浪涌电流;
可直接从 USB 端口给单节锂离子电池充电;
自动再充电;
支持 1 灯模式和两灯模式;
高度集成,极少的外围元器件
典型应用电路图
Vin
GND
C1
105
R1
L1
L2
C2
105
BAT
1
2
3
4
5
6
VIN
BAT
L1(CHRG)
L2(STDBY)
断开
接入
接入
断开
接入
正在充电
接入
充满
接入
短路/反接


Similar Part No. - HT3550

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT3503L HYES-HT3503L Datasheet
987Kb / 33P
LCD MODULE (320 횞 RGB 횞 240)
HT3503L-T HYES-HT3503L-T Datasheet
884Kb / 23P
LCD MODULE (320 횞 RGB 횞 240) With Touch Screen
HT3503LH HYES-HT3503LH Datasheet
1,004Kb / 33P
LCD MODULE (320 횞 RGB 횞 240) High Brightness
HT3503LH-01 HYES-HT3503LH-01 Datasheet
990Kb / 33P
LCD MODULE (320 횞 RGB 횞 240) High Brightness
logo
Hotchip Technology Co.,...
HT3540S HOTCHIP-HT3540S Datasheet
946Kb / 5P
Support 0 V battery charging and prechargIng precIpItatIon mode
More results

Similar Description - HT3550

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT4054 HOTCHIP-HT4054 Datasheet
869Kb / 7P
Constant flow / constant voltage mode operatio
logo
Linkage Goston Electron...
LNK303P LINKAGE-LNK303P Datasheet
3Mb / 7P
Constant voltage / constant flow control power switch
LNK305P LINKAGE-LNK305P Datasheet
4Mb / 7P
Constant voltage / constant flow control power switch
LNK513 LINKAGE-LNK513 Datasheet
5Mb / 8P
Program-controlled constant voltage / constant flow controller
SM7503 LINKAGE-SM7503 Datasheet
4Mb / 7P
Constant voltage / constant flow control power switch
SM7503P LINKAGE-SM7503P Datasheet
1Mb / 7P
Constant voltage / constant flow control power switch
SM7505 LINKAGE-SM7505 Datasheet
2Mb / 7P
Constant voltage / constant flow control power switch
SM8513 LINKAGE-SM8513 Datasheet
2Mb / 8P
Program-controlled constant voltage / constant flow controller
logo
Billiton Ltd.
TP1000 ASIC-TP1000 Datasheet
412Kb / 12P
Constant flow source feedback controller
logo
Jingjing Microelectroni...
EG4313 EGMICRO-EG4313 Datasheet
585Kb / 9P
Constant voltage / constant flow control chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com