Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9261A Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT9261A
Description  Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT9261A Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT9261A Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
HT9261(A)
第 5 页共 13 页
TYPICAL APPLICATIONS
SOT-89-3 and SOT-23-3 Package
SOT-23-5 Package
DETAILED DESCRIPTION
The HT9261 series are boost structure, voltage-type pulse-frequency modulation (PFM) step-up
DC-DC converter. Only three external components are necessary: an inductor, a output filter capacitor
and a schottky diode. And the converter’s low noise and low ripple output voltage can be adjusted from
2.5V to 5.0V, 0.1V step. By using the depletion technics, the quiescent current drawnfrom power source is
lower than 7uA. The high efficiency device consists of resistors for output voltage detection and trimming
a start-up voltage circuit, an oscillator, a reference circuit, a PFM control circuit, a switch protection circuit
and a driver transistor.
The PFM control circuit is the core of the HT9261 IC. This block controls power switch on dutycycle to
stabilize output voltage by calculating results of other blocks which sense input voltage, output voltage,
output current and load conditions. In PFM modulation system, the frequency and pulse width is fixed.
The duty cycle is adjusted by skipping pulses, so that switch on-time is changed based on the conditions
such as input voltage, output current and load. The oscillate block inside HT9261 providesfixed frequency
and pulse width wave.
The reference circuit provides stable reference voltage to output stable output voltage. Because
internal trimming technology is used, The chip output change less than ±2%. At the same time,the
problem of temperature-drift coefficient of output voltage is considered in design, so temperature-drift
coefficient of output voltage is less than 100ppm/℃。
High-gain differential error amplifier guarantees stable output voltage at difference input voltage
and load. In order to reduce ripple and noise, the error amplifier is designed with high band-with.
Vout
Iout
Cout
100uF Tan
Rload
Cin
47uF
LX
OUT
GND
LX
Vin
L
D 1N5819
Vout
Iout
Cout
100uF Tan
Rload
Cin
47uF
LX
OUT
GND
LX
Vin
L
D 1N5817
27uH
OFF
ON
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com