Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9261A Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT9261A
Description  Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT9261A Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT9261A Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
HT9261(A)
第 2 页共 13 页
PIN DESCRIPTION
Pin No.
Symbol
Description
SOT-89-3
SOT-23-3
SOT-23-5
1
1
4
Vss(GND)
Ground pin
2
3
2
Vout
Output pin, power supply for internal circuits
3
2
5
Lx(Ext)
Switching pin
-
-
3
NC
-
-
-
1
CE
Chip enable pin (active high)
PRODUCTOR LIST
Product Name
Output Voltage
Lx Tr. Driver
Chip Enable
Package
HT9261-XX1SM
XX V
Internal
No
SOT-89-3
HT9261-XX1RM
XX V
Internal
No
SOT-23-3
HT9261-XX2RN
XX V
Internal
Yes
SOT-23-5
HT9261-XX3SM
XX V
External
No
SOT-89-3
HT9261-XX3RM
XX V
External
No
SOT-23-3
HT9261-XX4RN
XX V
External
Yes
SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com