Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9261A Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # HT9261A
Description  Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT9261A Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

Back Button HT9261A Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT9261A Datasheet HTML 10Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
HT9261(A)
第 6 页共 13 页
Though at very low load condition, the quiescent current of chip do effect efficiency certainly.The four
main energy loss of Boost structure DC-DC converter in full load are the ESR of inductor,the voltage of
Schottky diode, on resistor of internal N-channel MOSFET and its driver. In order to improve the efficiency,
HT9261 integrates low on-resistor N-channel MOSFET and well design driver circuits.The switch energy
loss is limited at very low level.
SELECTION OF THE EXTERNAL COMPONENTS
Thus it can be seen, the inductor and schottky diode affect the conversion efficiency greatly.The
inductor and the capacitor also have great influence on the output voltage ripple of the converter.So it
is necessary to choose a suitable inductor, a capacitor and a right schottky diode, to obtain high
efficiency, low ripple and low noise.Before discussion,we define
Inductor Selection
Above all, we should define the minimum value of the inductor that can ensure the boost DC-DC to
operate in the continuous current-mode condition
.,
f
R
D
D
L
L
2
)
1
(
min
2
The above expression is got under conditions of continuous current mode, neglect Schottky
diode’s
voltage, ESR of
both inductor and capacitor. The actual value is greater that it. If inductor’s value is less
than
Lmin,the efficiency of DC-DC converter will drop greatly, and the DC-DC circuit will not be
stable.Secondly, consider the ripple of the output voltage,
Lf
Vin
D
I
Δ
Lf
DVin
R
D
vin
ax
L
2
)
1
(
Im
2
If inductor value is too small, the current ripple through it will be great. Then the current through diode and
power switch will be great. Because the power switch on chip is not ideal switch, the energy of switch will
improve. The efficiency will fall.
Thirdly,in general, smaller inductor values supply more output current while larger values startup with
lower input voltage and acquire high efficiency.
Aninductor value of 3uH to 1mH works well in most applications. If DC-DC converter delivers large
output current (for example: output current is great than 50mA), large inductor value is recommended
in order to improve efficiency. If DC-DC must output very large current at low input supply voltage, small
inductor value is recommended.
The ESR of inductor will effect efficiency greatly. Suppose ESR value of inductor is rL,Rload is oad
resistor,then the energy can be calculated by following expression:
For example: input 1.5V, output is 3.0V, Rload
=20Ω, rL=0.5Ω, The energy loss is 10%.
Vout
Vin
-
Vout
D 
2
D)
-
load(1
L
R
r
Δη



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com