Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1721 Datasheet(PDF) 17 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1721
Description  LCD Driver control special circuit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1721 Datasheet(HTML) 17 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1721 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd TM1721 Datasheet HTML 14Page - Shenzhen Putianhe Technology Co., Ltd TM1721 Datasheet HTML 15Page - Shenzhen Putianhe Technology Co., Ltd TM1721 Datasheet HTML 16Page - Shenzhen Putianhe Technology Co., Ltd TM1721 Datasheet HTML 17Page - Shenzhen Putianhe Technology Co., Ltd TM1721 Datasheet HTML 18Page - Shenzhen Putianhe Technology Co., Ltd TM1721 Datasheet HTML 19Page - Shenzhen Putianhe Technology Co., Ltd TM1721 Datasheet HTML 20Page - Shenzhen Putianhe Technology Co., Ltd TM1721 Datasheet HTML 21Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
LLLLC
C
C
CD
D
D
D 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM1721
TM1721
TM1721
TM1721
17
www.szpth.com
V1.2
R1
100
R2
100
R3
100
LED1
LED2
LED3
1
1
3
3
2
4
4
LED3A
VCC
DIO
2
CLK
3
STB
4
GND
5
KS0
6
KS1
7
KS2
8
KS3
9
KS4
10
KS5
11
SEG31/KEY3
12
SEG30/KEY2
13
SEG29/KEY1
14
SEG28/KEY0
15
SEG27/SW3
16
SEG26/SW2
17
SEG25/SW1
18
SEG24/SW0
19
SEG23/PWM3
20
SEG22/PWM2
21
SEG21/PWM1
22
SEG20/PWM0
23
SEG19
24
SEG18
25
SEG17
26
SEG16
27
SEG15
28
SEG13
30
SEG12
31
SEG10
33
SEG9
34
SEG8
35
SEG7
36
SEG6
37
SEG5
38
SEG4
39
SEG3
40
SEG2
41
SEG0
44
COM3
45
COM2
46
COM1
47
COM0
48
VDD
1
SEG14
29
SEG11
32
SEG1
43
NC
42
IC1
TM1721B
VCD
DVD
CD
REP
R P N
PROG
L
SEC
MIN
PBC
MP3
+ C1
100U
C2
104
GND
VCC
COM0
COM1
COM2
COM3
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
S1
S3
S5
S7
S9
S11
S2
S4
S6
S8
S10
S12
S13
S15
S17
S19
S21
S23
S14
S16
S18
S20
S22
S24
KEY0
KEY1
KEY2
KEY3
KEY0
KEY1
KEY2
KEY3
KS0
KS1
KS2
KS3
KS4
KS5
LED1
LED2
LED3
PW3
SW0
SW1
SW2
SW3
C1
101
C2
101
C3
101
R2
10K
R1
10K
R3
10K
VCC
VCC
注
注
注
注:滤
滤
滤
滤 示
示
示
示芯
芯
芯
芯 容
容
容
容滤
滤
滤
滤 芯
芯
芯
芯 芯
芯
芯
芯VDD,
GND之
之
之
之 之
之
之
之之
之
之
之 芯
芯
芯
芯之
之
之
之 之
之
之
之 之
之
之
之.
CLK
DIO
STB
▲
▲
▲
▲注意
注意
注意
注意:1、VDD、GND之间滤波电容在PCB板布线应尽量靠近TM1721芯片放置,加强滤波效果。
2、连接在DIO、CLK、STB通讯口上三个100P电容可以降低对通讯口的干扰。
电气参数
电气参数
电气参数
电气参数
极限参数
极限参数
极限参数
极限参数(
(
(
(Ta = 2
Ta = 2
Ta = 2
Ta = 25555℃
℃
℃
℃, Vss = 0 V
, Vss = 0 V
, Vss = 0 V
, Vss = 0 V)
)
)
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com