Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1722 Datasheet(PDF) 13 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1722
Description  LCD Driver control circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1722 Datasheet(HTML) 13 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1722 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 14Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 15Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 16Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LCD
LCD
LCD
LCD 驱动控制
驱动控制
驱动控制
驱动控制专用电路
专用电路
专用电路
专用电路
TM1722
TM1722
TM1722
TM1722
- 13 -
www.szpth.com
V1.1
PWM高电平输出电
流
IOH3
-15
-25
-
mA
PWM0~PWM3
(设定成PWM输出
状态)
Vo=3V
KS低电平输入电流
IOL3
15
30
-
mA
KS0~KS5
(设定成PWM输出
状态)
Vo=0.5V
KS高电平输出电流
IOH3
-15
-25
-
MA
KS0~KS5
(设定成PWM输出
状态)
Vo=3V
DIO低电平输入电流
Idout
4
-
-
mA
VO = 0.4V,dout
KEY/SW输出下拉电
阻
RL
20
-
80
KΩ
KEY0~KEY3
SW0~SW3
(设定成按键输入和
通用输入状态)
输入电流
II
-
-
±1
μA
VI = VDD / VSS
CLK,DIN,STB
高电平输入电压
VIH
0.7
VDD
-
V
CLK,DIN,STB
低电平输入电压
VIL
-
-
0.3
VDD
V
CLK,DIN,STB
滞后电压
VH
-
0.35
-
V
CLK,DIN,STB
动态电流损耗
IDDdyn
-
-
1
mA
无负载,显示关
开关特性
开关特性
开关特性
开关特性(
(
(
(Ta =
Ta =
Ta =
Ta = ----20
20
20
20 ~
~
~
~ ++++70
70
70
70℃
℃
℃
℃,
,
,
,VDD
VDD
VDD
VDD ==== 5555 V
VV
V)
)
)
)
参数
符号
最小
典型
最大
单位
测试条件
振荡频率
fosc
-
500
-
KHz
tPLZ
-
-
300
ns
传输延迟时间
tPZL
-
-
100
ns
CLK → DIO
(DIO为输出状态时)
CL = 15pF, RL = 10K Ω
最大时钟频率
fmax
1
-
-
MHz
占空比50%
输入电容
CI
-
-
15
pF
DIO STB CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com