Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1812 Datasheet(PDF) 2 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1812
Description  12 - channel LED drive control special circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1812 Datasheet(HTML) 2 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1812 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
12
12
12
12 通道
通道
通道
通道 LED
LED
LED
LED 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM18
TM18
TM18
TM1812
12
12
12
www.szpth.com
V1.4
内部结构框图
内部结构框图
内部结构框图
内部结构框图
GND
VDD
DIN
GND
DO
VDD
串行解码
数据整形
PWM控制
OSC
输出
驱动
OUT
OUT
DW
5V
管脚信息
管脚信息
管脚信息
管脚信息
1
2
3
4
13
14
15
16
VDD
DO
4OUTR
4OUTG
1OUTB
1OUTG
1OUTR
DIN
(TO P VIE W)
(TO P VIE W)
(TO P VIE W)
(TO P VIE W)
TM1 812
TM1 812
TM1 812
TM1 812
5
6
7
4OUTB
3OUTR
3OUTG
10
11
12
2OUTB
2OUTG
2OUTR
8
3OUTB
9
GND
输出及输入等效电路
输出及输入等效电路
输出及输入等效电路
输出及输入等效电路
VDD
GND
DIN
VDD
GND
DO
GND
OUTn
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com