Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1812 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1812
Description  12 - channel LED drive control special circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1812 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1812 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1812 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
12
12
12
12 通道
通道
通道
通道 LED
LED
LED
LED 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM18
TM18
TM18
TM1812
12
12
12
www.szpth.com
V1.4
特性描述
特性描述
特性描述
特性描述
TM1812是12通道LED(发光二极管)驱动控制专用电路,内部集成有MCU 数字接口、数据锁
存器、LED 高压驱动等电路。通过外围 MCU控制实现该芯片的单独辉度、级联控制实现户外大屏、
护栏管、幻彩灯条的彩色点阵发光控制。本产品性能优良、质量可靠。
功能特点
功能特点
功能特点
功能特点
采用高压功率CMOS工艺
输出端口耐压24V
VDD内部集成5V稳压管
芯片VDD外接串联电阻,电压支持6~24V输入
辉度调节电路,256级辉度可调,低亮度时等效1024级
单线串行级联接口
振荡方式:内置RC振荡并根据数据线上信号进行时钟同步,在接收完本单元的数据后能自
动将后续数据整形后通过数据输出端发送至下级,信号不随级联变远而出现失真或衰减
内置上电复位电路
PWM控制端能够实现256级调节,扫描频率不低于400Hz
能通过一根信号线完成数据的接收与解码
当刷新速率为30帧/s时,级联点数不小于1080点
数据发送速度为800Kbps
封装形式:SOP16、DIP16
外部应用框图
外部应用框图
外部应用框图
外部应用框图
适用领域:点光源、护栏管、软灯条、户内、外大屏等。
控制器
TM1812
DIN
DO
IC1
TM1812
DIN
DO
ICn
DI
VDD
GND
VDD
GND
VDD
VCC
GND
VCC
DO
DO
NEXT
OUT
OUT
VLED
VLED
● ● ●
● ● ●
● ● ●
● ● ●
OUT
OUT
VLED
VLED
● ● ●
● ● ●
● ● ●
● ● ●
VDD
RI
RO
D1
D1
R
R
104
104
R1
R12
R1
R12


Similar Part No. - TM1812

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1812 TITAN-TM1812 Datasheet
703Kb / 10P
LED
TM1812 TITAN-TM1812 Datasheet
271Kb / 10P
12-Channel Special Circuit for LED Driver Control
TM1812 TITAN-TM1812_V01 Datasheet
271Kb / 10P
12-Channel Special Circuit for LED Driver Control
More results

Similar Description - TM1812

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1638 TITAN-TM1638 Datasheet
1Mb / 18P
Special circuit for LED drive control
logo
Shenzhen Putianhe Techn...
TA1670 PTH-TA1670 Datasheet
292Kb / 6P
PantIng drive control LED special drive control IC
TA1671 PTH-TA1671 Datasheet
281Kb / 7P
PantIng drive control LED special drive control IC
TM1803 PTH-TM1803 Datasheet
596Kb / 11P
Three channel LED drive control special circuit
logo
Shenzhen Tianyuan Semic...
TP3109A TPOWER-TP3109A Datasheet
715Kb / 10P
9-channel LED drive control dedicated circuit
TP3112A TPOWER-TP3112A Datasheet
1Mb / 10P
12-channel LED drive control dedicated circuit
logo
SHENZHEN FUMAN ELECTRON...
FM1637 FUMAN-FM1637 Datasheet
436Kb / 12P
LED drive control dedicated circuit
TC1628S FUMAN-TC1628S Datasheet
343Kb / 9P
LED drive control dedicated circuit
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
Dynamic LED control/drive circuit
logo
Wuxi ETEK Micro-Electro...
ET6202 ETEK-ET6202 Datasheet
713Kb / 14P
Control LED drive circuit
Rev 1.1 2004-6-4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com