Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7591GS Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD7591GS
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7591GS Datasheet(HTML) 3 Page - Leadtrend Technology

  LD7591GS Datasheet HTML 1Page - Leadtrend Technology LD7591GS Datasheet HTML 2Page - Leadtrend Technology LD7591GS Datasheet HTML 3Page - Leadtrend Technology LD7591GS Datasheet HTML 4Page - Leadtrend Technology LD7591GS Datasheet HTML 5Page - Leadtrend Technology LD7591GS Datasheet HTML 6Page - Leadtrend Technology LD7591GS Datasheet HTML 7Page - Leadtrend Technology LD7591GS Datasheet HTML 8Page - Leadtrend Technology LD7591GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LD7591
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7591-DS-00 March 2010
Pin Configuration
YY:
Year code (D:2004, E:2005…)
WW:
Week code
PP:
Production code
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
SOP-8 & DIP-8 (TOP VIEW)
Ordering Information
Part number
Package
Top Mark
Shipping
LD7591 GS
SOP-8
Green package
LD7591GS
2500 /tape & reel
LD7591 GN
DIP-8
Green package
LD7591GN
3600 /tube /Carton
Pin Descriptions
Pin
NAME
FUNCTION
1
INV
Output voltage feed back control
2
COMP
Output of the error amplifier for voltage loop compensation to achieve stable
3
RAMP
Ramp generator, connecting a resistor to GND pin to set the saw tooth signal
4
CS
Current sense pin, connect to sense the MOSFET current for OCP
5
ZCD
Detecting zero crossing of input signal
6
GND
Ground
7
OUT
Gate drive output to drive the external MOSFET
8
VCC
Power source VCC pin
Recommended Operating Conditions
Item
Min.
Max.
Unit
Vcc pin capacitor
22
47
μF
Comp pin capacitor
0.1
4.7
μF
RAMP pin resistor
4.7k
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com