Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7591GS Datasheet(PDF) 17 Page - Leadtrend Technology

Part # LD7591GS
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7591GS Datasheet(HTML) 17 Page - Leadtrend Technology

Back Button LD7591GS Datasheet HTML 12Page - Leadtrend Technology LD7591GS Datasheet HTML 13Page - Leadtrend Technology LD7591GS Datasheet HTML 14Page - Leadtrend Technology LD7591GS Datasheet HTML 15Page - Leadtrend Technology LD7591GS Datasheet HTML 16Page - Leadtrend Technology LD7591GS Datasheet HTML 17Page - Leadtrend Technology LD7591GS Datasheet HTML 18Page - Leadtrend Technology LD7591GS Datasheet HTML 19Page - Leadtrend Technology LD7591GS Datasheet HTML 20Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LD7591
17
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7591-DS-00 March 2010
BOM
P/N
Component Value
Note
P/N
Component Value
Note
Fuse
2A/250V
C1
0.1
μF / 275VAC
X-cap
NTC
0
Ω, 1206
C2
4.7nF/1kV,1206
V1
Varisitor
471
C5
0.047
μF / 400V
MPF 塑膠電容
R1
27k
Ω, 0805
C5B
0.1
μF / 400V
MPF 塑膠電容
R2
300k
Ω, 0805
C6
22uF/ 50V
Electrolytic Capacitor
R3
110k
Ω, 1206
C61
104pF/25V/0805
R3B
110k
Ω, 1206
C62
33uF/ 50V
R4
39
Ω, 1206
C9
330
μF, 50V
Electrolytic Capacitor
R5
100k
Ω, 0805
C9A
330
μF, 50V
Electrolytic Capacitor
R5B
10k
Ω, 0805
C11
NC, 0805
R6
51
Ω, 0805
C12
10pF, 0805
R61
0
Ω, 0805
C13
470pF/500V, 1206
R7
0.75
Ω
1/2W
C14
0.47
μF/ 16V, 0805
R9
20k
Ω, 0805
C15
2200pF,
Y 電容
R12
0.68
Ω,
2W
C16
NC /1kV,1206
R12B
NC,1206
C101
2.2uF/ 50V
R13
100
Ω, 1206
C102
4.7
μF/10V/0805
R14
1k
Ω, 0805
C103
0.1
μF/ 25V, 0805
R15
7.5MEG
Ω, 0805
C104
1
μF/ 25V, 0805
R15B
620k
Ω, 0805
C105
473pF/25V/0805
R16
100k
Ω, 1206
CB2
220pF/16V, 0805
R17
100k
Ω, 1206
D1
BAV103
RB4
200
Ω, 0805
D2
ER502
200V/ 5A,
R101
NC, 0805
D3
LL4148
SOD-80
R102
8.2V Zener
D4
LL4148
SOD-80
R103
91k
D5
1N4007
1000V/1A
R104
0
Ω, 0805
D6
LL4148
SOD-80
R104B
10k
Ω, 0805
D7
LL4148
SOD-80
R105
20k
Ω, 0805
DZ1
NC
R106
75k
Ω, 0805
DZ2
NC
R107
5.6k
Ω, 0805
DZ3
P6KE200A
DO-15
R108
39k
Ω, 0805
BD
DI106
600V/1A
R109
10k
Ω, 0805
T1
EF20, 1150uH
106/32/13
R110
100k
Ω, 0805
LF1
UU9.8
R111
15k
Ω
LF2
1000uH
R112
4.7k
Ω, 0805
Q1
FQPF5N60C
600V, 4.5A, TO-220
R113
NC, 0805
Q2
330R, 0805
R114
0
Ω, 0805
IC1
LD7591
SOP-8
IC2
PC817
IC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com