Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7591GS Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD7591GS
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7591GS Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD7591GS Datasheet HTML 3Page - Leadtrend Technology LD7591GS Datasheet HTML 4Page - Leadtrend Technology LD7591GS Datasheet HTML 5Page - Leadtrend Technology LD7591GS Datasheet HTML 6Page - Leadtrend Technology LD7591GS Datasheet HTML 7Page - Leadtrend Technology LD7591GS Datasheet HTML 8Page - Leadtrend Technology LD7591GS Datasheet HTML 9Page - Leadtrend Technology LD7591GS Datasheet HTML 10Page - Leadtrend Technology LD7591GS Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LD7591
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7591-DS-00 March 2010
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum ON-Time, Ton-max (Ramp Pin)
Maximum On Time Voltage
RRAMP=40.5K
2.784
2.900V
3.016
V
Maximum On Time Programming
RRAMP =40.5K
19
24
29
μs
Maximum On Time
RRAMP ≥ 100K
40
μs
Minimum OFF-Time
Minimum OFF-Time
1
μs
Minimum OFF-Time Programming
0.10
Ton-
max
Gate Drive Output (OUT Pin)
Output Low Level
VCC=12V, ISINK=20mA
0.5
V
Output High Level
VCC=12V, ISOURCE=20mA
9
12
V
Output High Clamp Level
VCC=18V
13
V
Rising Time
VCC =12V, CL=1000pF
75
150
ns
Falling Time
VCC =12V, CL=1000pF
25
100
ns
Starter
Start Timer Period
50
150
300
μs
OTP (Over Temp. Protection)
OTP Trip level
140
°C
OTP Hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com