Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM8PC71AM Datasheet(PDF) 49 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 49 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 45Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 46Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 47Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 48Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 49Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 50Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 51Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 52Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 53Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.49
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
6.4 PWM Code Example
// pwm clock source F0ck = Fcpu(4MHz)
BCR
PWM0CON,P0CKS2_B
BCR
PWM0CON,P0CKS1_B
BCR
PWM0CON,P0CKS0_B
// pwm clock source F0ck/32 Hz
BSR
PWM0CR,P0TPS2_B
// F0ck = 4/32 Mhz = 125 Khz ;
BCR
PWM0CR,P0TPS1_B
BSR
PWM0CR,P0TPS0_B
(A) 4~8-bits PWM
// pwm duty range 6bits( Rang 0~63)
BCR
PWM0CON,P0DT2_B
BSR
PWM0CON,P0DT1_B
BCR
PWM0CON,P0DT0_B
MOVIA
00fh
// Load initial value 7~0 bits
MOVAR P0RDLB
// Duty Cycle = 15 (1/F0ck) clock s
// enable pwm
BSR
PWM0CR,P0TMIE_B
BSR
PWM0CR, PWM0EN_B
; First Set PWM0EN_B
BSR
PWM0CR, P0TMEN_B
(B) 9~12-bits PWM
// pwm duty range 12bits( Rang 0~4095)
BSR
PWM0CON,P0DT2_B
BSR
PWM0CON,P0DT1_B
BSR
PWM0CON,P0DT0_B
MOVIA
00fh
// Load initial value Low byte 7~0 bits
MOVAR P0RDLB
//
MOVIA
00h
// Load initial value High byte 11~8 bits
MOVAR P0RDHB
// Duty Cycle = 15 (1/F0ck) clock s
// enable pwm
BSR
PWM0CR,P0TMIE_B
BSR
PWM0CR, PWM0EN_B
; First Set PWM0EN_B
BSR
PWM0CR, P0TMEN_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com