Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM8PC71AM Datasheet(PDF) 53 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 53 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 49Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 50Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 51Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 52Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 53Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 54Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 55Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 56Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 57Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.53
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Address 28H: ADCControl-3 Register (ADCON3)
Bits
7
6
5
4
3
2
1
0
Name
ADCTEST
--
--
--
--
--
Read/Write
R/W
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Accessed by IOST/IOSTR instruction
Bit[7] : ADCTEST
1 : ADC Disable and Enable DAC output PB[3] When DACOEN bit is set 1.
0 : ADC enable
Address 30H: ADC High byte Register(ADCHB/DACR1LB)
Bits
7
6
5
4
3
2
1
0
Name
ADCB[11:4]/ DACR1[7:0]
Read/Write
R/W
Default
0
0
0
0
0
0
0
0
Bit[7:0] :
Bit[7:0]
ADCEN=1
DACEN=0
ADCTEST=0
ADCB[11:4] is high byte of ADC
Read only
ADCEN=1
DACEN=1
ADCTEST=1
DACR1 [7:0] is Low byte of DAC
Write only
Address 31H: ADC Low byte Register (ADCLB/DACR1HB)
Bits
7~4
3~0
Name
Revered
ADCB[3:0]/ DACR1[11:8]
Read/Write
--
R/W
Default
0
0
Bit[3:0] :
Bit[3:0]
ADCEN=1
DACEN=0
ADCTEST=0
ADCB[3:0] is high byte of ADC
Read only
ADCEN=1
DACEN=1
ADCTEST=1
DACR1 [11:8] is High byte of DAC
Write only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com