Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM8PC71AM Datasheet(PDF) 28 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 28 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 24Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 25Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 26Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 27Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 28Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 29Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 30Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 31Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 32Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.28
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
*WDR, LVDT24, LVDT2.0 or EXR occurs, the RSTSL[1:0] bits can’t be reset to default value.
Bit[2] : LVDT36 (Read only)
Low Voltage(3.6V) detect signal.
1 = VDD voltage >= 3.6V.; 0 = VDD voltage < 3.6 V
Bit[1] : LVDT24(Read only)
Low Voltage(2.4V) detect signal.
1 = VDD voltage >= 2.4V.
0 = VDD voltage < 2.4V
Bit[0] : LVDT20(Read only)
Low Voltage(2.0V) detect signal.
1 = VDD voltage >= 2.0V.
0 = VDD voltage < 2.0V
Figure 3.0-1 Power on Reset and LVDT20, LVDTA(2.0V), LVDT24, LVDT36 Timing
Power
EXTR
WDR
LVR
Global
Reset
Power on
Detect Level
Power on Reset
Delay-Time
(130us~17ms)
Low-voltage
reset
Delay-Time
(130us~17ms)
Watchdog
Overflow
Watchdog
Reset
Delay-Time
(10ns)
LVR detect
Voltage
Glitch > 100ns
Figure 3.0-2 Global Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com