Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM8PC71AMAEP Datasheet(PDF) 33 Page - Feeling Technology Corp.

Part # FM8PC71AMAEP
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AMAEP Datasheet(HTML) 33 Page - Feeling Technology Corp.

Back Button FM8PC71AMAEP Datasheet HTML 29Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 30Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 31Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 32Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 33Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 34Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 35Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 36Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 37Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.33
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
[C-N2S]
: Normal mode into Slow mode condition.
First, the firmware needs to switch CPU clock, the CPU clock will be from FIRC/FOSC to FSIRC.
Next, set LVDIS (Reg.12h.5) bit to 1
Example code:
BSR
CLKCFG, SELCLK2_B
// set Fsel = FSIRC (SELCLK=3’b101)
BCR
CLKCFG, SELCLK1_B
BSR
CLKCFG, SELCLK0_B
BSR
CLKCFG, CLKSW_B
// switch CPU clock
NOP
BSR
PCON, LVDIS_B
[C-S2N]
: Slow mode into normal mode condition.
When the firmware switches CPU clock from FSIRC to FIRC/FOSC and sets LVDIS (Reg.12h.5) bit to 0.
Example code:
BCR
PCON, LVDIS_B
BCR
CLKCFG, CLKSW_B
// switch CPU clock
[C-N2G]
: Normal mode into Green mode condition.
Green mode is sort into two types. Their difference is one disables all LVD36, LVD24, LVD20 and
internal high IRC, and another not.
Example code for enabling all low voltage detect and internal high IRC:
BSR
PCON,GREEN_MD_B
//set GREEN_MD bit to 1
NOP
NOP
Example code for disabling all low voltage detect and internal high IRC :
MOVIA
0b01100000
//set GREEN_MD and LVDIS bit to 1 at the same time
MOVAR PCON
NOP
NOP
[C-G2N]
: Green mode into normal mode condition.
(1) PA,PB wakeup interrupt.
(2) external Reset occurs.
(3) WDT time out wakeup. (PC=0000h or PC=PC+1)
(4) PWM timers time out interrupt using T0CK/T1CK.
[C-S2G]
: Slow mode into Green mode condition.
Slow mode only can be changed into the Green mode that disable all low voltage detect, because Slow
mode always disable low voltage detect. Set GREEN_MD (Reg.12h.6) bit to 1 and enter Green mode.
Example:
BSR
PCON, GREEN_MD_B
NOP
NOP
[C-G2S]
: Green mode into Slow mode condition.
(1)
PA,PB wakeup interrupt.
(2)
LVR or external Reset occurs.
(3)
WDT time out wakeup. (PC=0000h or PC=PC+1)
(4)
PWM timers time out interrupt using T0CK/T1CK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com