Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM8PC71AMAEP Datasheet(PDF) 21 Page - Feeling Technology Corp.

Part # FM8PC71AMAEP
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AMAEP Datasheet(HTML) 21 Page - Feeling Technology Corp.

Back Button FM8PC71AMAEP Datasheet HTML 17Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 18Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 19Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 20Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 21Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 22Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 23Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 24Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 25Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.21
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Bit[4] : PBIE4
PB[4] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[3] : PBIE3
PB[3] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[2] : PBIE2
PB[2] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[1] : PBIE1
PB[1] interrupt enable bit.
1 = Enable.
0 = Disable.
Bit[0] : PBIE0
PB[0] interrupt enable bit.
1 = Enable.
0 = Disable.
Address 09H: Port A Wake-Up Control Register(PACON)
Bits
7
6
5
4
3
2
1
0
Name
PACON7
PACON6
PACON5
PACON4
PACON3
PACON2
PACON1
PACON0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bit[7] : PACON7
PA[7] control bit.
1 = PA[7] Pin-changed to interrupt.
0 = PA[7] falling edge to interrupt.
Bit[6] : PACON6
PA[6] control bit.
1 = PA[6] Pin-changed to interrupt.
0 = PA[6] falling edge to interrupt.
Bit[5] : PACON5
PA[5] control bit.
1 = PA[5] Pin-changed to interrupt.
0 = PA[5] falling edge to interrupt.
Bit[4] : PACON4
PA[4] control bit.
1 = PA[4] Pin-changed to interrupt.
0 = PA[4] falling edge to interrupt.
Bit[3] : PACON3
PA[3] control bit.
1 = PA[3] Pin-changed to interrupt.
0 = PA[3] falling edge to interrupt.
Bit[2] : PACON2
PA[2] control bit.
1 = PA[2] Pin-changed to interrupt.
0 = PA[2] falling edge to interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com