Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM8PC71AMAEP Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FM8PC71AMAEP
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AMAEP Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FM8PC71AMAEP Datasheet HTML 9Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 10Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 11Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 12Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 13Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 14Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 15Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 16Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 17Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.13
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
12h(R/W)
PCON
SUSPD
GRN_MD LVDIS
RSTSL1
RSTSL0
LVDT36
LVDT24
LVDT20
13h(R/W)
CLKCFG
SELCLK2 SELCLK1 SELCLK0 CLKSW
SIRCEN
INCODS
EXOSEN IRCEN
14h(R/w)
PWM0CON P0INTSL
P0DT2
P0DT1
P0DT0
P0CKS2 P0CKS1
P0CKS0 --
15h(R/w)
PWM0CR
PWM0EN P0OUTS P0TPS[2:0]
P0TMEN P0TMIE
P0TMIF
16h(R)
P0TMLB
P0TM7
P0TM6
P0TM5
P0TM4
P0TM3
P0TM2
P0TM1
P0TM0
16h(W)
N0
N0[7:0]
17h(R/W)
P0RDLB
P0TRD7
P0TRD6
P0TRD5 P0TRD4 P0TRD3 P0TRD2
P0TRD1 P0TRD0
18h(R/W)
P0TRHB
P0TM11
P0TM10
P0TM9
P0TM8
P0TRD11 P0TRD10 P0TRD9 P0TRD8
19h(R/W)
PWM1CON P1INTSL
P1DT2
P1DT1
P1DT0
P1CKS2 P1CKS1
P1CKS0 --
1Ah(R/W)
PWM1CR
PWM1EN P1OUTS P1TPS[2:0]
P1TMEN P1TMIE
P1TMIF
1Bh(R)
P1TMLB
P1TM7
P1TM6
P1TM5
P1TM4
P1TM3
P1TM2
P1TM1
P1TM0
1Ch(R/W)
P1RDLB
P1TRD7
P1TRD6
P1TRD5 P1TRD4 P1TRD3 P1TRD2
P1TRD1 P1TRD0
1Dh(R/W)
P1TRHB
P1TM11
P1TM10
P1TM9
P1TM8
P1TRD11 P1TRD10 P1TRD9 P1TRD8
1Eh(R/W)
PWM2CON P2INTSL
P2DT2
P2DT1
P2DT0
P2CKS2 P2CKS1
P2CKS0 --
1Fh(R/W)
PWM2CR
PWM2EN P2OUTS P2TPS[2:0]
P2TMEN P2TMIE
P2TMIF
20h(R)
P2TMLB
P2TM7
P2TM6
P2TM5
P2TM4
P2TM3
P2TM2
P2TM1
P2TM0
20h(W)
N2
N2[7:0]
21h(R/W)
P2RDLB
P2TRD7
P2TRD6
P2TRD5 P2TRD4 P2TRD3 P2TRD2
P2TRD1 P2TRD0
22h (R/W)
P2TRHB
P2TM11
P2TM10
P2TM9
P2TM8
P2TRD11 P2TRD10 P2TRD9 P2TRD8
23h(R/W)
PWM3CON P3INTSL
P3DT2
P3DT1
P3DT0
P3CKS2 P3CKS1
P3CKS0 -
24h(R/W)
PWM3CR
PWM3EN P3OUTS P3TPS[2:0]
P3TMEN P3TMIE
P3TMIF
25h(R)
P3TMLB
P3TM7
P3TM6
P3TM5
P3TM4
P3TM3
P3TM2
P3TM1
P3TM0
25h(W)
N3
N3[7:0]
26h(R/W)
P3RDLB
P3TRD7
P3TRD6
P3TRD5 P3TRD4 P3TRD3 P3TRD2
P3TRD1 P3TRD0
27h(R/W)
P3TRHB
P3TM11
P3TM10
P3TM9
P3TM8
P3TRD11 P3TRD10 P3TRD9 P3TRD8
28h(R/W)
ADCON1
ADCEN
ADCST
CHSL2
CHSL1
CHSL0
--
ADCSR1 ADCSR0
29h(R/W)
ADCON2
ADCIE
ADCIF
SVERFH ADCNT
DACEN
ADCTMS SELVER1 SELVER0
30h(R)
ADCHB
ADCB[11] ADCB[10] ADCB[9] ADCB[8] ADCB[7] ADCB[6]
ADCB[5] ADCB[4]
31h(R)
ADCLB
--
--
--
--
ADCB[3] ADCB[2]
ADCB[1] ADCB[0]
30h(W)
DACR1LB
DACR1 [7:0]
31h(W)
DACR1HB
DACR1[11:8]
32h(R/W)
GPR1
General Purpose Register bytes 1
33h(R/W)
GPR2
General Purpose Register bytes 2
34h(R/W)
GPR3
General Purpose Register bytes 3
35h(R/W)
EFR1
ROMBK
RAMBK
FRP
SPSEL
BZ3
BZ2
BZ1
BZ0
36h(R/W)
EFR2
ATSW
SIGN
LVDTA
SPB34EN --
--
--
--
37h(R/W)
CMPCON1 CMPEN
COP1
CMPIE1
CMPRIF1 CMPFIF1 CMPCS[2:0]
38h(R/W)
CMPCON2 CMPINT1 COP2
CMPIE2
CMPRIF2 CMPFIF2 CMPINT2 TOGGLE[1:0]
39h(R/W)
DACR2LB
DACR2[7:0]
3Ah(R/W)
DACR2HB
DACR2[11:8]
Legend: - = unimplemented, read as ‘0’,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com