Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT2004 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AT2004 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 19 of 25
©2001 Atelic System, Inc
30
// 2 channel high byte. Conferencing with Chan 0.
14
// 2 channel low byte. Conferencing with Chan 1 and Chan 4.
34
// 3 channel high byte. Conferencing with Chan 4.
56
// 3 channel low byte. Conferencing with Chan 5 and Chan 6.
00
// 4 channel high byte
00
// 4 channel low byte
00
// 5 channel high byte
00
// 5 channel low byte
30
// 6 channel high byte. Conferencing with Chan 0.
15
// 6 channel low byte. Conferencing with Chan 1 and Chan 5.
34
// 7 channel high byte. Conferencing with Chan 4.
50
// 7 channel low byte. Conferencing with Chan 5 and Chan 0.
Command bytes specifying per channel control
30
// Begin per channel control. This byte is fixed.
00
// begin at 0 channel. This byte is usually fixed (usually begin specifying at 0).
36
// 0 channel high byte.
70
// 0 channel low byte.
36
// 1 channel high byte.
70
// 1 channel low byte.
36
// 2 channel high byte.
70
// 2 channel low byte.
36
// 3 channel high byte.
70
// 3 channel low byte.
36
// 4 channel high byte.
70
// 4 channel low byte.
36
// 5 channel high byte.
70
// 5 channel low byte.
36
// 6 channel high byte.
70
// 6 channel low byte.
36
// 7 channel high byte.
70
// 7 channel low byte.
Command bytes specifying mcu7byte definition.
00
// begin mcu7byte definition.
D0 // [7]: input; [6]:output; 0==X; 1==Y, channel 0, yin-yout
5E
// Algorithm Setup, default value = 5EH for expand
00
// Delay
00
// Begin input slot bit, ADPCM
03
// End input slot bit, ADPCM
00
// Begin output slot bit, PCM
07
// End output slot bit, PCM
D0
// [7]: input; [6]:output; 0==X; 1==Y, channel 1, yin-yout
5E
// Algorithm Setup, default value = 5EH for expand
00
// Delay
10
// Begin input slot bit, ADPCM
13
// End input slot bit, ADPCM
10
// Begin output slot bit, PCM
17
// End output slot bit, PCM
F0
// [7]: input; [6]:output; 0==X; 1==Y, channel 2, yin-yout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com