Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT2004 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT2004 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 21 of 25
©2001 Atelic System, Inc
Electrical Characteristics:
(0
°C to 70°C)
DC Electrical Characteristics
(VDD=3.3V+20%-10%)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Active Supply Current
Ivcc
40
mA
1,2
Power down
IVCCPD
< 1
mA
3
Input Leakage
II
-1.0
+1.0
µA
Output Leakage
IO
-1.0
+1.0
µA
4
Output Current (2.4V)
IOH
1.2
mA
Output Current (0.4 v)
IOL
4
mA
Notes:
1. CLKP = CLKA = 2.048MHz; MCLK = 10MHz.
2. Outputs open; inputs swinging full supply levels; 4 channel full duplex operation.
3. Power down; Xtal = high; fsy, CLKA, CLKP all 0.
4. Xout and Yout are 3-stated.
PCM Interface
(0
°C to 70°C)
AC Electrical Characteristics
(VDD=3.3V+20%-10%)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
CLKP, CLKA Period
tPXY
244
3906
ns
1
CLKP, CLKA Pulse Width
tWXYL
tWXYH
100
ns
CLKP, CLKA Rise Fall
Times
tRXY
tFXY
10
20
ns
Hold Time from CLKP,
CLKA to FSY
tHOLD
0
ns
2
Setup Time from FSY high
to CLKP, CLKA low
tSF
50
ns
2
Setup Time for Xin, Yin to
CLKP, CLKA low
tSD
50
ns
2
Hold Time from Xin, Yin to
CLKP, CLKA low
tHD
50
ns
2
Delay Time from CLKP,
CLKA to Valid Xout, Yout
tDXYO
10
150
ns
3
Notes:
1. Maximum width of FSY is CLKP/CLKA period (except for signaling frame).
2. Measured at VIH = 2.0V, VIL = 0.8V, and 10ns maximum rise and fall times.
3. Load = 150 pF + 2LSTTL loads.
4. For LSB of PCM or ADPCM byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com