Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT2004 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT2004 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 2 of 25
©2001 Atelic System, Inc
PIN Description
PIN
SYMBOL
TYPE
DESCRIPTION
16
XIN
I
X Channel Data In. Sampled on the falling edge of CLKP during
selected time slots with MSB first.
20
XOUT
O
X Channel Data Out. Updated on the rising edge of CLKP during
selected time slots with MSB first.
27
YIN
I
Y Channel Data In. Sampled on the falling edge of CLKA during
selected time slots with MSB first.
25
FSY
I/O
Y Channel Frame Sync. Master Y Channel Frame Sync. Signal
followed by the first time slot of transmission. It can be either
input or output by initial setup sequence.
24
YOUT
O
Y Channel Data Out. Updated on the rising edge of CLKA
during selected time slots with MSB first.
2
RSTZ
I
Reset. Low active signal to force chip reset.
13
12
XTAL1/MCLK
XTAL2
I
O
Crystal In & Out. 14.318 MHz Crystal connected
∗∗∗.
17
CLKP
I/O
PCM Clock. It can be either input created by external control
circuit, or output generated by internal control circuit.
26
CLKA
I/O
ADPCM Clock. It can be either input created by external control
circuit, or output generated by internal control circuit.
18
15
11
10
SYNC1
SYNC2
SYNC3
SYNC4
O
O
O
O
Sync 1. Frame sync. for 1
st CODEC.
Sync 2. Frame sync. for 2
nd CODEC.
Sync 3. Frame sync. for 3
rd CODEC.
Sync 4. Frame sync. for 4
th CODEC.
4
3
TM1
TM0
I
I
TM1 &TM0 . Tie to Ground for normal operation.
7
6
A1
A0
I
I
A1 & A0. Address ID key for 3-wire serial port. If match, 3-wire
serial port can be enabled for configuration.
22
SDI/SDO
I/O
Serial Data In. Data for configuration on the fly by 3-wire serial
port. Sampled on the rising edge of SCLK with LSB first.
Serial Data Out. Output data after sending Read Memory
command by 3-wire serial port. Sampled on the rising edge of
SCLK with LSB first.
21
SCLK
I
Serial Clock. Used to write to the 3-wire serial port registers or
output data from 3-wire serial port registers.
23
SCSZ
I
Serial Port Chip Select. Low active to enable 3-wire serial port.
28
VDD
-
Power. 3.3 Volts.
14
19
Vss1
Vss2
-
-
Ground. 0 Volt.
∗∗∗For clock source other than 14.318MHz, please contact Atelic Systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com