Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1906 Datasheet(PDF) 13 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1906
Description  12 - channel LED constant current drive
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1906 Datasheet(HTML) 13 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1906 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 14Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 15Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 16Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
12
12
12
12 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM1
TM1
TM1
TM1906
906
906
906
www.szpth.c”’
恒流曲线
恒流曲线
恒流曲线
恒流曲线
将 TM1906 应用到 LED 面板设计上时,通道间甚 芯片间的电流差异很小 此源于
TM1906 的优异特性
另外,当负载端电压发生变化时,其输出电流的稳定性不受影响,如下图所示
图中所示,输出端口的电流 I”ut 与加在 OUT 端口上的电压 Vds 关系可知,当在恒流
工作状态下,端口输出 I”ut 为恒流值,I”ut 恒流电流越小,需要的 Vds 也越小,最小
不能小于 0.8V
TM1906
恒流曲线
0
5
10
15
20
25
30
35
40
45
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2
VDS(V)
恒流值41H
恒流值30H
恒流值20H
恒流值10H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com