Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1001 Datasheet(PDF) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP1001
Description  Interface control chip supporting QC2.0 fast charging protocol
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP1001 Datasheet(HTML) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP1001 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP1001 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP1001 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP1001 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP1001 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP1001 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TP1001
支持 QC2.0 快速充电协议的接口控制芯片
V1.1
Shenzhen TPOWER Semiconductor
2
管脚
SOP8L
管脚描述
管脚编号
管脚名称
描述
1
GND
芯片地
2
V1
输出电压调整开关的漏极输入引脚,用于设置 9V,12V 和 20V 输出电压
3
V2
输出电压调整开关的漏极输入引脚,用于设置 12V 和 20V 输出电压
4
V3
输出电压调整开关的漏极输入引脚,用于设置 20V 输出电压
5
D-
USB D-输入引脚
6
D+
USB D+输入引脚
7
R
芯片带隙基准电压输出引脚,连接电阻到地设置芯片的基准电流
8
VDD
芯片电源引脚,连接电容到地



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com