Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7175 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP7175
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7175 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP7175 Datasheet HTML 6Page - Feeling Technology Corp. FP7175 Datasheet HTML 7Page - Feeling Technology Corp. FP7175 Datasheet HTML 8Page - Feeling Technology Corp. FP7175 Datasheet HTML 9Page - Feeling Technology Corp. FP7175 Datasheet HTML 10Page - Feeling Technology Corp. FP7175 Datasheet HTML 11Page - Feeling Technology Corp. FP7175 Datasheet HTML 12Page - Feeling Technology Corp. FP7175 Datasheet HTML 13Page - Feeling Technology Corp. FP7175 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FP7175
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
11/14
※ VIN=12V, LED=9.2V, TA = 25°C, unless otherwise noted
Input Voltage VS LED Current
0
0.4
0.8
1.2
1.6
2
0
30
60
90
Input Voltage(V)
Input Voltage VS Frequency
0
20
40
60
80
100
0
30
60
90
Input Voltage(V)
L=100uH
LED Voltage VS LED Current
1.8
1.82
1.84
1.86
1.88
1.9
2
4
6
8
10
LED Voltage(V)
VIN=12V
Vin=24V
Inductor VS LED Current
1.7
1.75
1.8
1.85
1.9
1.95
2
20
50
80
110
Inductor(uH)
DIM Voltage VS LED Current
0
0.4
0.8
1.2
1.6
2
0
0.4
0.8
1.2
1.6
DIM Voltage(V)
PWM Duty VS LED Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
20
40
60
80
100
PWM Duty(%)
PWM=0V~3.3V(500Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com