Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7175 Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP7175
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7175 Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP7175 Datasheet HTML 1Page - Feeling Technology Corp. FP7175 Datasheet HTML 2Page - Feeling Technology Corp. FP7175 Datasheet HTML 3Page - Feeling Technology Corp. FP7175 Datasheet HTML 4Page - Feeling Technology Corp. FP7175 Datasheet HTML 5Page - Feeling Technology Corp. FP7175 Datasheet HTML 6Page - Feeling Technology Corp. FP7175 Datasheet HTML 7Page - Feeling Technology Corp. FP7175 Datasheet HTML 8Page - Feeling Technology Corp. FP7175 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FP7175
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
2/14
Function Block Diagram
GND
DIM
GATE
VIN
VDD
CS
Regulator
POR
UVLO
Internal
supply
Average Current
Logic Control
LEB
TOFF Timer
SCP
550mV
200mV/250mV
DIM to CS ratio=0.167
OTP
Pin Descriptions
SOT23-6L
1
2
3
6
5
4
GATE
VIN
GND
CS
Top View
DIM
VDD
Name
No.
I / O
Description
GATE
1
O
This pin is the output GATE driver for an
external N-channel power MOSFET.
GND
2
P
Ground return for all internal circuitry.
CS
3
I
This pin is the current sense pin used to
sense the FET current by means of an
external sense resistor.
VIN
4
P
This pin is the input of an 8 - 100V linear
regulator.
DIM
5
I
This pin is the linear & PWM dimming input
of the IC.
VDD
6
I
This is the power supply pin for all internal
circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com