Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7175 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP7175
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7175 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP7175 Datasheet HTML 6Page - Feeling Technology Corp. FP7175 Datasheet HTML 7Page - Feeling Technology Corp. FP7175 Datasheet HTML 8Page - Feeling Technology Corp. FP7175 Datasheet HTML 9Page - Feeling Technology Corp. FP7175 Datasheet HTML 10Page - Feeling Technology Corp. FP7175 Datasheet HTML 11Page - Feeling Technology Corp. FP7175 Datasheet HTML 12Page - Feeling Technology Corp. FP7175 Datasheet HTML 13Page - Feeling Technology Corp. FP7175 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FP7175
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
13/14
Typical Application Circuit
VIN=11V~100V
VDD
DIM
VIN
CS
GND
GATE
FP7175
LED+
LED-
VIN
GND
D1
SR510VF
VLED=3V ~ 9.5V
ILED=2A
L1
47uH
Q1
12N10
RCS
0.125
C2
0.47uF
C1
22uF/100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com