Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS72X Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FS72X
Description  Single Digital Output Hall Effect Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS72X Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FS72X Datasheet HTML 1Page - Feeling Technology Corp. FS72X Datasheet HTML 2Page - Feeling Technology Corp. FS72X Datasheet HTML 3Page - Feeling Technology Corp. FS72X Datasheet HTML 4Page - Feeling Technology Corp. FS72X Datasheet HTML 5Page - Feeling Technology Corp. FS72X Datasheet HTML 6Page - Feeling Technology Corp. FS72X Datasheet HTML 7Page - Feeling Technology Corp. FS72X Datasheet HTML 8Page - Feeling Technology Corp. FS72X Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FS72X
FS72XY
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.2 June. 29, 2009
P.5
FEELING
TECHNOLOGY
Recommended Operating Conditions
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Supply Voltage
VDD
-
2.4
16
V
Operating Temperature Range
TA
-
-20
105
℃
Electrical Characteristics VDD=12.0V, TA=25℃
℃
℃
℃
(unless otherwise specified)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Average Supply Current(no load)
IDD
-
3.0
10
mA
Output Saturation Voltage
VSAT
Iout= 50mA
0.5
0.8
V
Output leakage current
ILEAK
VOUT=12V
20
µA
On resistance
RON
10
Magnetic Characteristics
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Operate Points
BOP
+25
G
Release Points
BRP
-25
G
Hysteresis
BHYST
50
G
Hysteresis Characteristics
Figure.5
B (Magnetic)
+N
Magnetic Flux Density in Gauss
Vout
0
-S
-S
+N
Vsat



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com