Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS72X Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FS72X
Description  Single Digital Output Hall Effect Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS72X Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FS72X Datasheet HTML 1Page - Feeling Technology Corp. FS72X Datasheet HTML 2Page - Feeling Technology Corp. FS72X Datasheet HTML 3Page - Feeling Technology Corp. FS72X Datasheet HTML 4Page - Feeling Technology Corp. FS72X Datasheet HTML 5Page - Feeling Technology Corp. FS72X Datasheet HTML 6Page - Feeling Technology Corp. FS72X Datasheet HTML 7Page - Feeling Technology Corp. FS72X Datasheet HTML 8Page - Feeling Technology Corp. FS72X Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FS72X
FS72XY
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.2 June. 29, 2009
P.2
FEELING
TECHNOLOGY
Pin Connection.
Figure 2
Pin Descriptions
Name
I/O
FS72X
FS72XY
Description
VDD
P
1
1
Positive power supply
VSS
G
2
3
Ground
NO
O
3
2
Driver output
Legend: I=input, O=output, I/O=input/output, P=power supply, G=ground
Functional Descriptions
Refer to the block diagram (Figure.1), FS72X/FS72XY is composed of the following building blocks:
Bias generator
The bias generator provides precise, temperature- and process-insensitive bias references for the analog blocks.
These references guarantee proper operation of the chip under all conditions specified in this specification.
Oscillator + Sequencer
The built-in oscillator provides the clock signal, which is taken by the sequencer to generate the sequential signals
necessary for both the Hall sensor and the digital control logics
Power on Reset
Used to detect the power-up ramp and reset the digital circuits to attain correct operation as soon as the power is
ready.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design. Use of this
structure dynamically removes both the offset and flicker noise at the same time.
Digital control logics
Generates controlling signals for the Hall sensor.
NO
VSS
VDD
1
2
3
Mark
Side
FS72XY
FS72X
Top
View
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com