Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS72X Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FS72X
Description  Single Digital Output Hall Effect Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS72X Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FS72X Datasheet HTML 1Page - Feeling Technology Corp. FS72X Datasheet HTML 2Page - Feeling Technology Corp. FS72X Datasheet HTML 3Page - Feeling Technology Corp. FS72X Datasheet HTML 4Page - Feeling Technology Corp. FS72X Datasheet HTML 5Page - Feeling Technology Corp. FS72X Datasheet HTML 6Page - Feeling Technology Corp. FS72X Datasheet HTML 7Page - Feeling Technology Corp. FS72X Datasheet HTML 8Page - Feeling Technology Corp. FS72X Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FS72X
FS72XY
Single Digital Output Hall Effect Latch
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.2 June. 29, 2009
P.1
FEELING
TECHNOLOGY
Features
Maximum output sink current 50mA
Open-drain pre-driver
Power reverse polarity protection
Available in SIP-3L, SOT23(FS72XY) package
General Description
FS72X/FS72XY is a Hall sensor with latched digital output. It’s suitable for electronic commutation of brushless DC
motor applications. The FS72X/FS72XY uses a chopper amplifier for magnetic signal amplification, which can
achieve a low offset and thus precise magnetic switching thresholds.
If a magnetic flux density larger than threshold Bop,NO is turned on(low). The output state is held until a magnetic
flux density reversal falls below Brp causing NO to be turned off (high)
Block Diagram
Figure.1
Pb Free
Bias Generator
Hall Plate
Sequencer
Chopper Amplifier
Digital control logics
Power On Reset
Oscillator


Similar Part No. - FS72X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS7-4 ETC-FS7-4 Datasheet
38Kb / 2P
Flow Switches - Liquid
FS7-4D ETC-FS7-4D Datasheet
38Kb / 2P
Flow Switches - Liquid
FS7-4DF ETC-FS7-4DF Datasheet
38Kb / 2P
Flow Switches - Liquid
FS7-4DS ETC-FS7-4DS Datasheet
38Kb / 2P
Flow Switches - Liquid
FS7-4F ETC-FS7-4F Datasheet
38Kb / 2P
Flow Switches - Liquid
More results

Similar Description - FS72X

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Feeling Technology Corp...
FD168Y FEELING-FD168Y Datasheet
427Kb / 11P
Single Digital Output Hall Effect Latch
FD169Y FEELING-FD169Y Datasheet
424Kb / 11P
Single Digital Output Hall Effect Latch
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com