Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FS310
Description  SINGLE PHASE DC MOTOR DRIVE IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS310 Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FS310 Datasheet HTML 1Page - Feeling Technology Corp. FS310 Datasheet HTML 2Page - Feeling Technology Corp. FS310 Datasheet HTML 3Page - Feeling Technology Corp. FS310 Datasheet HTML 4Page - Feeling Technology Corp. FS310 Datasheet HTML 5Page - Feeling Technology Corp. FS310 Datasheet HTML 6Page - Feeling Technology Corp. FS310 Datasheet HTML 7Page - Feeling Technology Corp. FS310 Datasheet HTML 8Page - Feeling Technology Corp. FS310 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Technology
FS310
Rev0.4 Jan. 18, 2009(LF)
P
3/FS310
ABSOLUTE MAXIMUM RATINGS
VCC Pin Voltage ------------------------------------------------------------------------------
20V
Output Peak Sink Current (Io)
Peak Current ------------------------------------------------------------------------
800mA
Hold Current -------------------------------------------------------------------------
600mA
Continuous Current ----------------------------------------------------------------
300mA
Power Dissipation
Ta=25
oC -----------------------------------------------------------------------------
600mW
Ta=70
oC -----------------------------------------------------------------------------
450mW
Operating Temperature Range ----------------------------------------------------
-20
oC 85 oC
Storage Temperature Range ------------------------------------------------------
-65
oC 150 oC
Junction Temperature -----------------------------------------------------------------------
+150
oC
Lead Temperature (Soldering, 10 sec) --------------------------------------------------
+260
oC
2 ~ 5
/ sec
2 ~ 5
/ sec
150 ± 10
90 ± 30 sec
255 ± 5
10 ± 1 sec
SECOND
Soldering Condition
C
o
C
o
C
o
C
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com