Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FS310
Description  SINGLE PHASE DC MOTOR DRIVE IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS310 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FS310 Datasheet HTML 1Page - Feeling Technology Corp. FS310 Datasheet HTML 2Page - Feeling Technology Corp. FS310 Datasheet HTML 3Page - Feeling Technology Corp. FS310 Datasheet HTML 4Page - Feeling Technology Corp. FS310 Datasheet HTML 5Page - Feeling Technology Corp. FS310 Datasheet HTML 6Page - Feeling Technology Corp. FS310 Datasheet HTML 7Page - Feeling Technology Corp. FS310 Datasheet HTML 8Page - Feeling Technology Corp. FS310 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Technology
FS310
Rev0.4 Jan. 18, 2009(LF)
P
1/FS310
SINGLE PHASE DC MOTOR DRIVE IC
GENERAL DESCRIPTION
The FS310, a 1-chip composed of hall sensor and output coil drivers, applied to a
single-phase DC motor. The high sensitivity of Hall effect sensor is suitable for motors from
mini-type CPU coolers to blowers and DC fans. Typical operation current is 0.3A and
operating voltage range is wide.
Using few external components, FS310, a high performance integrated IC, is designed for a
single-phase DC motor circuit.
The circuit diagram of the typical application example is as
below.
FEATURES
˙1 chip hall sensor/drivers
˙Wide operating voltage range: 3.0V~20V
˙Output sink current up to 0.3A
˙Package : TO92-4L
TYPICAL APPLICATION CIRCUIT
TO-92SP-4
FTC
S310
VCC


Similar Part No. - FS310

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
FS310 TTELEC-FS310 Datasheet
1Mb / 40P
FlexSense® I-Series Programmable Incremental Encoder
Rev C, 4/27/2023
More results

Similar Description - FS310

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
319 UTC-319_11 Datasheet
156Kb / 7P
SINGLE PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477 Datasheet
155Kb / 6P
SINGLE PHASE DC MOTOR DRIVE IC
UH210 UTC-UH210 Datasheet
154Kb / 5P
2-PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477_15 Datasheet
171Kb / 6P
SINGLE PHASE DC MOTOR DRIVE IC
319 UTC-319_15 Datasheet
203Kb / 7P
SINGLE PHASE DC MOTOR DRIVE IC
UH210 UTC-UH210_15 Datasheet
161Kb / 5P
2-PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477_15 Datasheet
171Kb / 6P
SINGLE PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477_17 Datasheet
141Kb / 6P
SINGLE PHASE DC MOTOR DRIVE IC
logo
Feeling Technology Corp...
FS211F FEELING-FS211F Datasheet
128Kb / 13P
2 PHASE DC MOTOR DRIVE IC
FS319 FEELING-FS319 Datasheet
125Kb / 13P
SINGLE PHASE DC MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com