Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FS310
Description  SINGLE PHASE DC MOTOR DRIVE IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS310 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FS310 Datasheet HTML 1Page - Feeling Technology Corp. FS310 Datasheet HTML 2Page - Feeling Technology Corp. FS310 Datasheet HTML 3Page - Feeling Technology Corp. FS310 Datasheet HTML 4Page - Feeling Technology Corp. FS310 Datasheet HTML 5Page - Feeling Technology Corp. FS310 Datasheet HTML 6Page - Feeling Technology Corp. FS310 Datasheet HTML 7Page - Feeling Technology Corp. FS310 Datasheet HTML 8Page - Feeling Technology Corp. FS310 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Technology
FS310
Rev0.4 Jan. 18, 2009(LF)
P
4/FS310
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
3
—
20
V
Quiescent Supply current
ICC
Vcc= 20V
No use pin open (Fig1)
—
18
25
mA
Output Saturation Voltage
Vce(sink) Vcc=14V, Ic = 200mA
—
0.55 0.80
V
Vce(drive) Vcc=14V, Ic = 200mA
Vcc-1.5V
—
Vcc
V
Note:
Fig1 The IC output state is under N magnetic field.
AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rise time
(tr)
RL=820Ω CL=20pF (Fig 2)
0.5
1.0
µs
Fall time
(t
ƒ
)
RL=820Ω CL=20pF (Fig 2)
0.5
1.5
µs
Switch Time Differential
Δt
RL=820Ω CL=20pF (Fig 2)
1.0
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com