Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M482 Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 9Page - Nuvoton Technology Corporation M482 Datasheet HTML 10Page - Nuvoton Technology Corporation M482 Datasheet HTML 11Page - Nuvoton Technology Corporation M482 Datasheet HTML 12Page - Nuvoton Technology Corporation M482 Datasheet HTML 13Page - Nuvoton Technology Corporation M482 Datasheet HTML 14Page - Nuvoton Technology Corporation M482 Datasheet HTML 15Page - Nuvoton Technology Corporation M482 Datasheet HTML 16Page - Nuvoton Technology Corporation M482 Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 401 page
background image
Mar 30, 2018
Page 13 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
32-bit/64-bit and multi-word Flash programming function
SRAM
Up to 160 KB on-chip SRAM includes:
– 32 KB SRAM located in bank 0 that supports hardware parity
check and retenion mode; Exception (NMI) generated upon a
parity check error
– 96/32 KB SRAM located in bank 1
– 32 KB SRAM located in bank 2 that can be used as cache for
external SPI Flash memory
Byte-, half-word- and word-access
PDMA operation
Cyclic Redundancy
Calculation (CRC)
Supports CRC-CCITT, CRC-8, CRC-16 and CRC-32 polynomials
Programmable initial value and seed value
Programmable order reverse setting and one’s complement setting
for input data and CRC checksum
8-bit, 16-bit, and 32-bit data width
8-bit write mode with 1-AHB clock cycle operation
16-bit write mode with 2-AHB clock cycle operation
32-bit write mode with 4-AHB clock cycle operation
Uses DMA to write data with performing CRC operation
Peripheral DMA (PDMA)
Sixteen independent and configurable channels for automatic data
transfer between memories and peripherals
Basic and Scatter-Gather transfer modes
Each channel supports circular buffer management using Scatter-
Gather Transfer mode
Stride function for rectangle image data movement
Fixed-priority and Round-robin priorities modes
Single and burst transfer types
Byte-, half-word- and word tranfer unit with count up to 65536
Incremental or fixed source and destination address
Clocks
External Clock Source
4~24 MHz High-speed eXternal crystal oscillator (HXT) for precise
timing operation
32.7688 kHz Low-speed eXternal crystal oscillator (LXT) for RTC
function and low-power system operation
Supports clock failure detection for external crystal oscillators and
exception generatation (NMI)
Internal Clock Source
12 MHz High-speed Internal RC oscillator (HIRC) trimmed to 2%
accuracy that can optionally be used as a system clock
10 kHz Low-speed Internal RC oscillator (LIRC) for watchdog timer
and wakeup operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com